PART |
Description |
Maker |
TGAP-W610 |
Industrial EN50155 IEEE 802.11 a/b/g/n AP
|
ORing Industrial Networ...
|
TGAR-1062-3G-M12-EU TGAR-1062-3GS-M12-EU TGAR-1062 |
Industrial EN50155 IEEE 802.11 a/b/g/n 3G Cellular Router
|
ORing Industrial Networ...
|
TGAR-1062-4G6S-M12 TGAR-1062-4G6S-M12-CN TGAR-1062 |
Industrial EN50155 IEEE 802.11 a/b/g/n 4G LTE Cellular Router
|
ORing Industrial Networ...
|
CPGS-9120-C |
3U CompactPCI EN50155 12-port managed Gigabit Ethernet switch
|
ORing Industrial Networ...
|
CPGS-9160-M12-C |
3U Compac tPCI EN50155 16-por t managed Gigabit Ethernet Switch
|
ORing Industrial Networ...
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AIMB-742VE-L0A1 AIMB-742E2-L0A1 AIMB-742-L |
Socket 478 Pentium垄莽 4/Celeron垄莽 Industrial ATX Motherboard with Dual DDR/Dual Ethernet LAN(400/533/800 MHz FSB) Socket 478 Pentium? 4/Celeron? Industrial ATX Motherboard with Dual DDR/Dual Ethernet LAN(400/533/800 MHz FSB)
|
Advantech Co., Ltd.
|
MAD23 |
5 - 7.5 W Single & Dual Output DC/DC Industrial
|
Powerbox
|
S558-5999-BQ-F |
DUAL 1000BASE-T INDUSTRIAL TEMP
|
Bel Fuse Inc.
|
MAA02021 MAA02024 MAA02027 MAA02012 MAA02015 MAA02 |
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|